PART |
Description |
Maker |
SDAH15000UF SDAH25000UF |
1.1 to 2 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY 1.9 A, 15000 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
SB05-05 SB05-05P SB02W03 |
Shottky Barrier Diode 50V, 500mA Rectifier Small signal(single type) Schottky Barrier Diode 50V/ 500mA Rectifier
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Sanyo Electric Co.,Ltd.
|
SB05-05C |
50V, 500mA Rectifier
|
Sanyo Semicon Device
|
SBE805 SBE805-TL-E |
30V, 500mA Rectifier
|
ON Semiconductor
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
SS05015M |
Schottky Barrier Diode 15V, 500mA Rectifier
|
Sanyo Semicon Device
|
TSCD053WS TSCD054WS TSCD052WS |
500mA Low Profile Chip Schottky Rectifier
|
TAITRON Components Incorporated
|
SB02-05CP |
Shottky barrier diode, 50V/500mA rectifier
|
Sanyo Semiconductor
|
APL5522KAC-TRG APL5522KC-TRG |
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
|
Anpec Electronics Corop...
|
MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EE |
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters ??5kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters QUAD LINE DRIVER, PDSO16 5kV ESD保护3.3V的四路的RS - 422发送器 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters 【15kV ESD-Protected, 3.3V Quad RS-422 Transmitters "?5kV ESD-Protected, 3.3V , 2Mbps Quad RS-422 Transmitters" "?5kV ESD-Protected, 3.3V , 20Mbps Quad RS-422 Transmitters" ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
FC805 |
0.5 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE 30V, 500mA Rectifier CAP CER 6800PF 100V 20% X7R 0805
|
Sanyo Semicon Device Sanyo Electric Co.,Ltd.
|